PART |
Description |
Maker |
AP3409DNTR-G1 AP3409ADNTR-G1 |
3A, 4MHz HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
|
Diodes
|
AP3408DNTR-G1 |
2A, 4MHz HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
|
Diodes
|
AP3418KTR-G1 |
1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufactu...
|
AP3417A |
1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
|
Diodes
|
ISL9103IRUAZ-T ISL9103IRUBZ-T ISL9103AIRUFZ-T ISL9 |
500mA 2.4MHz Low I<sub>Q</sub> High Efficiency Synchronous Buck Converter; 6-uTDFN; Ind Temp; T&R 1.3 A SWITCHING REGULATOR, 2750 kHz SWITCHING FREQ-MAX, PDSO6
|
Intersil, Corp.
|
ZXRD1050PQ16 ZXM64NO3X ZXRD1033PQ16 ZXRD1033NQ16 Z |
HIGH EFFICIENCY SIMPLESYNC?PWM DC-DC CONTROLLERS 5 V, High efficiency simplesync PWM DC-DC controller 3.3 V, High efficiency simplesync PWM DC-DC controller PTSE 30C 29#20 1#16 PIN RECP MC680X0 FPU COPROCESSOR Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS Adj, High efficiency simplesync PWM DC-DC controller
|
Diodes Incorporated ZETEX PLC Zetex Semiconductors
|
41PCT170T4-R/G/G/G |
T-1 DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN, 3 mm
|
LEDTRONICS INC
|
TBA40-11EGWA TBA40-12EGWA TC40-11YWA TA40-11EWA TA |
The High Efficiency Red Source color Devices 5X7 DOT MATRIX DISPLAY, HIGH EFFICIENCY RED/GREEN, 101.6 mm
|
Kingbright, Corp. Kingbright Corporation. KINGBRIGHT[Kingbright Corporation] Kingbright Electronic
|
LTC1143L-ADJ LTC1143LCS-ADJ |
Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
Linear Technology Corporation
|
CS3972YTVA5 CS3972YTHA5 CS3972 CS3972YDW16 CS3972Y |
1.25A High Efficiency Switching Regulator 5V/ 750mA Linear Regulator with RESET RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics Corporation
|
RU2M RU2AM RU2AMZ RU2MZ |
(RU2MZ / RU2AMZ) HIGH EFFICIENCY RECTIFIER (RU2M / RU2AM) HIGH EFFICIENCY RECTIFIER
|
Galaxy Semi-Conductor Holdings Limited BILIN
|
MAX640C/D MAX653C/D MAX653EPA MAX653ESA MAX653 MAX |
5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active Low Shutdown 8-SOIC -40 to 85 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 5V/3.3V/3V/可调、高效率、低IQ、降压型DC-DC转换 8-Bit Shift Register 24-SOIC -40 to 125 1 A SWITCHING REGULATOR, PDIP8 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 1 A SWITCHING REGULATOR, PDSO8
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maxim Integrated Produc...
|